PART |
Description |
Maker |
U6225B-FPG3 |
2.9 GHz PLL for SAT TV Receiver with Universal Bus
|
http:// TEMIC Semiconductors
|
UPD720200AF1-DAP-A |
The μPD720200A is the second generation Universal Serial Bus 3.0 host controller, which complies with Universal Serial Bus 3.0 Specification, and Intel’s eXtensible Host controller interface
|
Renesas Electronics Corporation
|
M27C64A M27C64A-15C1TR M27C64A-15C1X M27C64A-15C6T |
512 Kbit 32Kb x16 OTP EPROM 64K (8K x 8) UV EPROM and OTP ROM From old datasheet system 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TVSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-SSOP -40 to 85 3.3-V 12-Bit Universal Bus Driver with Parity Checker and Dual 3-State Outputs 56-TSSOP -40 to 85 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 Octal Buffer/Driver With 3-State Outputs 20-SOIC -40 to 85 64千位× 8紫外KB的EPROM的和OTP存储 64 Kbit 8Kb x 8 UV EPROM and OTP EPROM 64千位× 8紫外KB的EPROM的和OTP存储
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IDT74ALVCH16601 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74H16501PA |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
Integrated Device Technology, Inc.
|
IDT74ALVCH32501 |
3.3V CMOS 36-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH162836 |
3.3V CMOS 20-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCHR16501PA IDT74ALVCHR16501 IDT74ALVCHR165 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT[Integrated Device Technology]
|
TSA5055T |
2.65 GHz bidirectional I2C-bus controlled synthesizer 2.65 GHz bidirectional I 2 C-bus
|
Philips Semiconductors
|
74ALVT16501 74ALVT16501DL AV16501DL 74ALVT16501DGG |
2.5 V / 3.3 V 18-bit universal bus transceiver (3-State) 2.5V/3.3V 18-bit universal bus transceiver (3-State)(2.5V/3.3V 18位通用总线收发器(三态)) 2.5V/3.3V 18-bit universal bus transceiver 3-State
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|